Part Number Hot Search : 
LB1695M BD25B DCJ010 NH1302A T121020 KSB1366 LB1665 PTB200
Product Description
Full Text Search
 

To Download BAT54SRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bat54 / a / c / s 200mw smd schottky barrier diode small signal diode ? surface device type mounting ? moisture sensitivity level 1 ? matte tin(sn) lead finish with nickel(ni) underplate ? pb free version and rohs compliant min max min max ? case :sot-23 small outline plastic package 2.80 3.00 0.110 0.118 1.20 1.40 0.047 0.055 0.30 0.50 0.012 0.020 1.80 2.00 0.071 0.079 2.25 2.55 0.089 0.100 0.90 1.20 0.035 0.043 package packing marking sot-23 3k / 7" reel kl1 sot-23 3k / 7" reel kl2 sot-23 3k / 7" reel kl3 sot-23 3k / 7" reel kl4 sot-23 3k / 7" reel kl1 sot-23 3k / 7" reel kl2 sot-23 3k / 7" reel kl3 sot-23 3k / 7" reel kl4 maximum ratings bat54 rfg bat54a rfg rating at 25 c ambient temperature unless otherwise specified. sot-23 power dissipation pd i frm ma forward surge current @t<1.0s i fsm ma repetitive peak forward current units 200 symbol type number value v rwm working peak reverse voltage dc reverse voltage v r forward continuous current i f 0.550 ref 0.022 ref v rrm suggested pad layou t ordering information part no. ? marking code : kl1,kl2,kl3,kl4 peak repetitive peak reverse voltage bat54c rfg bat54 rf bat54a rf bat54c rf bat54s rf bat54s rfg ? high temperature soldering guaranteed: 260 c/10s ? weight : 0.008gram (approximately) g pin configuration features mechanical data unit (inch) a ? fast switching speed unit (mm) dimensions ? green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code ma 30 v ? terminal: matte tin plated, lead free., solderable per mil-std-202, method 208 guaranteed b c d e f maximum ratings and electrical characteristics mw 200 200 600 thermal resistance,junction to ambient air r ja 500 c/w operating and storage temperature t j , t stg -55 to 150 c bat54 bat54s bat54c bat54a b a c d 2.0 0.079 0.95 0.037 0.9 0.035 0.8 0.031 f e g version : c10
bat54 / a / c / s 200mw smd schottky barrier diode small signal diode electrical characteristics i r = i f = i f = i f = i f = i f = reverse current v r = total capacitance tape & reel specification -- symbol type number -- -- 0.24 0.50 2.0 30 -- -- t rr i r units v v v v v max min a pf ns 10 5.0 -- v r =1v, f=1.0mhz reverse breakdown voltage 100 a 0.1ma 30ma 25v reverse recovery time i f =i r =10ma, r l =100 ? , i rr =1ma v (br) c t tape width w 8.10 0.20 p0 4.00 0.10 embossment center p1 2.00 0.05 overall tape thickness t 0.229 0.013 d2 13.0 0.20 sprocke hole position e 1.75 0.10 punch hole position sprocke hole pitch f 3.50 0.05 reel inner diameter carrier depth c 1.22 0.10 1.50 0.10 reel outside diameter d 178 1 sprocket hole d dimension(mm) carrier width a 3.15 0.10 item symbol reel width w1 12.30 0.20 d1 55 min feed hole width carrier length b 2.77 0.10 forward voltage v f -- 0.32 -- 0.40 -- 1.00 v 1ma 10ma 100ma t op co v e r t ape carieer tap e a n y additional label ( if required ) tsc label w1 d1 d2 d t c d p1 p0 a b f w e direction of feed version : c10
bat54 / a / c / s 200mw smd schottky barrier diode small signal diode rating and characteristic curves fig 1 typical forward characteristics 0.1 1 10 100 1000 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 instantaneous forward current (ma) fig 3 admissible power dissipation curve 0 50 100 150 200 250 0 25 50 75 100 125 150 power dissipation (mw) ambient temperature (c) reverse voltage (v) fig 4 typical junction capacitance 0 2 4 6 8 10 12 14 0 4 8 1216202428 total capacitance (pf) reverse voltage (v) instantanceous forward voltage (v) fig 2 typical reverse characteristics 0.01 0.1 1 10 100 1000 0 5 10 15 20 25 30 reverse current (ua) 25c 75c 125c reverse voltage (v) -40c 25c 125c version : c10


▲Up To Search▲   

 
Price & Availability of BAT54SRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X